PART |
Description |
Maker |
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ICS94201 ICS94201YFT |
Programmable System Frequency Generator for PII/III??/span> Programmable System Frequency Generator for PII/III 可编程系统频率发生器有价证券/三⑩ 815 3 DIMM Single Chip, Programmable, 9250-25 Pin Out
|
ON Semiconductor ICST[Integrated Circuit Systems]
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
5384VA ISPLSI5384VA-70LB208 ISPLSI5384VA-70LB272 I |
In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 13 ns, PBGA272 In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 9.5 ns, PBGA208 In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 9.5 ns, PBGA272 In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 19 ns, PBGA388 In-System Programmable 3.3V SuperWIDE High Density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
LC5256MB-45F208C LC5256MB-45F208I LC5256MB-45F256C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD⑩ Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD垄芒 Family
|
Lattice Semiconductor
|
XC18V00-SERIES-OF-IN-SYSTEM-PROGRAMMABLE XC18V256V |
XC18V00 Series of In-System Programmable Configuration PROMs In-system programmable configuration PROM.
|
Xilinx
|
UPSD3212AV-24T6T UPSD3212AV-40U6T UPSD3212C-40U6 U |
FLASH PROGRAMMABLE SYSTEM DEVICES WITH 8032 MCU WITH USB AND PROGRAMMABLE LOGIC
|
STMICROELECTRONICS[STMicroelectronics]
|
EP1K30FC256 ACEX1K07 |
Programmable Logic Family From old datasheet system Field Programmable Gate Array (FPGA)
|
Altera Corporation
|
81080V ISPLSI81080V-60LB272 ISPLSI81080V-90LB492 I |
3.3V In-System Programmable SuperBIG High Density PLD 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 14.5 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD 3.3在系统可编程SuperBIG⑩高密度可编程逻辑器件
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2032E ISPLSI2032E-110LJ44 ISPLSI2032E-110LT4 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFASTHigh Density PLD In-System Programmable SuperFAST High Density PLD 在系统可编程超快高密度可编程逻辑器件
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2032A-110LT48I ISPLSI2032A-135LJI ISPLSI2032 |
In-System Programmable High Density PLD EE PLD, 8 ns, PQFP44 In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件 In-System Programmable High Density PLD EE PLD, 10 ns, PQCC44 In-System Programmable High Density PLD EE PLD, 10 ns, PQFP48 In-System Programmable High Density PLD EE PLD, 7.5 ns, PQFP44
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|